PART |
Description |
Maker |
HAT2027R |
Silicon N Channel Power MOS FET High Speed Power Switchin
|
HITACHI[Hitachi Semiconductor]
|
2075SERIES 2075-2000 2075-1000 2075-300 2075-3000 |
Delay 5000 /-100 ns, fixed high B.W. line Tr Delay 500 /-20 ns, fixed high B.W. line Tr Delay 4000 /-80 ns, fixed high B.W. line Tr Delay 3000 /-60 ns, fixed high B.W. line Tr Delay 300 /-20 ns, fixed high B.W. line Tr Delay 1000 /-20 ns, fixed high B.W. line Tr Delay 2000 /-40 ns, fixed high B.W. line Tr FIXED HIGH B.W. DELAY LINE TR 1ns
|
Data Delay Devices Inc
|
VIPER17 VIPER17HN VIPER17LN |
Off-line high voltage converters
|
STMicroelectronics
|
MAX4506CPA |
Fault-Protected, High-Voltage Signal-Line Protectors
|
Maxim Integrated Produc...
|
MAX4505 MAX4505EUK-T MAX4505EUA |
Fault-Protected, High-Voltage, Signal-Line Protector
|
MAXIM[Maxim Integrated Products] Maixm
|
MC33363A MC33363ADW MC33363AP ON1033 |
From old datasheet system HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR
|
ONSEMI[ON Semiconductor]
|
TDA8574 TDA8574T |
Class-H high-output voltage level line driver(H类别高输出电压电平线性驱动器)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
MXD1013 MXD1013PA MXD1013PD MXD1013SA MXD1013SE MX |
3-in-1 silicon delay line. Output delay 45ns. 3-in-1 silicon delay line. Output delay 30ns. 3-in-1 silicon delay line. Output delay 90ns. 3-in-1 silicon delay line. Output delay 12ns. 3-in-1 silicon delay line. Output delay 25ns. Silver Mica Capacitor; Capacitance:11pF; Capacitance Tolerance: 1pF; Series:CD4; Voltage Rating:500VDC; Capacitor Dielectric Material:Mica; Termination:Radial Leaded; Lead Pitch:2.5mm; Leaded Process Compatible:No RoHS Compliant: No 3-in-1 silicon delay line. Output delay 70ns. 3-in-1 silicon delay line. Output delay 75ns. 3-in-1 silicon delay line. Output delay 50ns. 3-in-1 silicon delay line. Output delay 20ns. 3-in-1 silicon delay line. Output delay 80ns. 3-in-1 silicon delay line. Output delay 15ns.
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
ACT-S512K8N-025F4Q ACT-S512K8N-025F4C ACT-S512K8N- |
IpSec Security Processor Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SOIC 0 to 70 Dual 2-Line to 4-Line Decoders/Demultiplexers with Open-Collector Outputs 16-SO 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-PDIP 0 to 70 Quadruple 2-Line To 1-Line Data Selectors/Multiplexers 16-SO 0 to 70 NAMEPLATE, YEL; Colour:Yellow Name Plate RoHS Compliant: Yes ACT-S512K8 High Speed 4 Megabit Monolithic SRAM 行为S512K8高速SRAM兆位单片 512K X 8 CACHE SRAM, 35 ns, CDSO36 0.435 X 0.920 INCH, 0.184 INCH HEIGHT, HERMETIC SEALED, CERAMIC, SOJ-36
|
Aeroflex Inc. Aeroflex, Inc.
|
CH91 CH41 CH41-91 CH51 CH61 |
High Voltage Leaded (CH Style) Radial, Dual-in-Line & ‘L Lead SMT High Voltage Leaded (CH Style) Radial, Dual-in-Line & ‘L?Lead SMT
|
AVX Corporation
|
ACT-S1M32T-080F14T ACT-S1M32T-080F14Q ACT-S1M32T-0 |
ACT-F1M32 High Speed 32 Megabit Boot Block FLASH Multichip Module 行为F1M32高速启动块32兆位闪存多芯片模 8-line to 3-line priority encoder 16-SO 0 to 70 8-line to 3-line priority encoder 16-SOIC 0 to 70 CAP AL EL 63V 20% 10UF 105C Quadruple Bus Buffers With 3-State Outputs 14-SO 0 to 70 WIRE T LEAD PLASTIC 22AG RD 1000
|
Aeroflex, Inc. Aeroflex Inc. AEROFLEX[Aeroflex Circuit Technology]
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|